| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 314 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 314 Page - Nordic Semiconductor |
|
314 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_STOPPED TWI stopped NotGenerated 0 Event not generated Generated 1 Event generated 6.22.7.7 EVENTS_ERROR Address offset: 0x124 TWI error Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_ERROR TWI error NotGenerated 0 Event not generated Generated 1 Event generated 6.22.7.8 EVENTS_SUSPENDED Address offset: 0x148 SUSPEND task has been issued, TWI traffic is now suspended. Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_SUSPENDED SUSPEND task has been issued, TWI traffic is now suspended. NotGenerated 0 Event not generated Generated 1 Event generated 6.22.7.9 EVENTS_RXSTARTED Address offset: 0x14C Receive sequence started Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_RXSTARTED Receive sequence started NotGenerated 0 Event not generated Generated 1 Event generated 6.22.7.10 EVENTS_TXSTARTED Address offset: 0x150 Transmit sequence started 4463_156 v1.0 314 |