| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 315 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 315 Page - Nordic Semiconductor |
|
315 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_TXSTARTED Transmit sequence started NotGenerated 0 Event not generated Generated 1 Event generated 6.22.7.11 EVENTS_LASTRX Address offset: 0x15C Byte boundary, starting to receive the last byte Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_LASTRX Byte boundary, starting to receive the last byte NotGenerated 0 Event not generated Generated 1 Event generated 6.22.7.12 EVENTS_LASTTX Address offset: 0x160 Byte boundary, starting to transmit the last byte Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_LASTTX Byte boundary, starting to transmit the last byte NotGenerated 0 Event not generated Generated 1 Event generated 6.22.7.13 SHORTS Address offset: 0x200 Shortcuts between local events and tasks Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW LASTTX_STARTRX Shortcut between event LASTTX and task STARTRX Disabled 0 Disable shortcut Enabled 1 Enable shortcut B RW LASTTX_SUSPEND Shortcut between event LASTTX and task SUSPEND Disabled 0 Disable shortcut Enabled 1 Enable shortcut C RW LASTTX_STOP Shortcut between event LASTTX and task STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut 4463_156 v1.0 315 |