| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 347 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 347 Page - Nordic Semiconductor |
|
347 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW CTS_STARTRX Shortcut between event CTS and task STARTRX Disabled 0 Disable shortcut Enabled 1 Enable shortcut B RW NCTS_STOPRX Shortcut between event NCTS and task STOPRX Disabled 0 Disable shortcut Enabled 1 Enable shortcut 6.24.10.13 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW CTS Write '1' to enable interrupt for event CTS Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW NCTS Write '1' to enable interrupt for event NCTS Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW RXDRDY Write '1' to enable interrupt for event RXDRDY Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW TXDRDY Write '1' to enable interrupt for event TXDRDY Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW ERROR Write '1' to enable interrupt for event ERROR Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW RXTO Write '1' to enable interrupt for event RXTO Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.24.10.14 INTENCLR Address offset: 0x308 Disable interrupt 4463_156 v1.0 347 |