| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 348 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 348 Page - Nordic Semiconductor |
|
348 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW CTS Write '1' to disable interrupt for event CTS Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW NCTS Write '1' to disable interrupt for event NCTS Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW RXDRDY Write '1' to disable interrupt for event RXDRDY Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW TXDRDY Write '1' to disable interrupt for event TXDRDY Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW ERROR Write '1' to disable interrupt for event ERROR Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW RXTO Write '1' to disable interrupt for event RXTO Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.24.10.15 ERRORSRC Address offset: 0x480 Error source Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW OVERRUN Overrun error A start bit is received while the previous data still lies in RXD. (Previous data is lost.) NotPresent 0 Read: error not present Present 1 Read: error present B RW PARITY Parity error A character with bad parity is received, if HW parity check is enabled. NotPresent 0 Read: error not present Present 1 Read: error present C RW FRAMING Framing error occurred A valid stop bit is not detected on the serial data input after all bits in a character have been received. NotPresent 0 Read: error not present 4463_156 v1.0 348 |