| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 362 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 362 Page - Nordic Semiconductor |
|
362 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_TXSTARTED UART transmitter has started NotGenerated 0 Event not generated Generated 1 Event generated 6.25.9.16 EVENTS_TXSTOPPED Address offset: 0x158 Transmitter stopped Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_TXSTOPPED Transmitter stopped NotGenerated 0 Event not generated Generated 1 Event generated 6.25.9.17 SHORTS Address offset: 0x200 Shortcuts between local events and tasks Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID D C Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description C RW ENDRX_STARTRX Shortcut between event ENDRX and task STARTRX Disabled 0 Disable shortcut Enabled 1 Enable shortcut D RW ENDRX_STOPRX Shortcut between event ENDRX and task STOPRX Disabled 0 Disable shortcut Enabled 1 Enable shortcut 6.25.9.18 INTEN Address offset: 0x300 Enable or disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID L J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW CTS Enable or disable interrupt for event CTS Disabled 0 Disable Enabled 1 Enable B RW NCTS Enable or disable interrupt for event NCTS Disabled 0 Disable Enabled 1 Enable 4463_156 v1.0 362 |