| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 364 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 364 Page - Nordic Semiconductor |
|
364 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID L J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description D RW ENDRX Write '1' to enable interrupt for event ENDRX Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW TXDRDY Write '1' to enable interrupt for event TXDRDY Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW ENDTX Write '1' to enable interrupt for event ENDTX Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled G RW ERROR Write '1' to enable interrupt for event ERROR Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled H RW RXTO Write '1' to enable interrupt for event RXTO Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled I RW RXSTARTED Write '1' to enable interrupt for event RXSTARTED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled J RW TXSTARTED Write '1' to enable interrupt for event TXSTARTED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled L RW TXSTOPPED Write '1' to enable interrupt for event TXSTOPPED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.25.9.20 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID L J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW CTS Write '1' to disable interrupt for event CTS Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW NCTS Write '1' to disable interrupt for event NCTS Clear 1 Disable Disabled 0 Read: Disabled 4463_156 v1.0 364 |