| データシートサーチシステム |
|
H8/3021 データシート(PDF) 281 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 281 Page - Renesas Technology Corp |
|
281 / 712 page ![]() 8. 16-Bit Integrated Timer Unit (ITU) Rev.2.00 Mar. 22, 2007 Page 257 of 684 REJ09B0352-0200 Example of Phase Counting Mode: Figure 8.44 shows an example of operations in phase counting mode. Table 8.9 lists the up-counting and down-counting conditions for TCNT2. In phase counting mode both the rising and falling edges of TCLKA and TCLKB are counted. The phase difference between TCLKA and TCLKB must be at least 1.5 states, the phase overlap must also be at least 1.5 states, and the pulse width must be at least 2.5 states. See figure 8.45. TCNT2 value Counting up Counting down Time TCLKB TCLKA Figure 8.44 Operation in Phase Counting Mode (Example) Table 8.9 Up/Down Counting Conditions Counting Direction Up-Counting Down-Counting TCLKB High Low Low High TCLKA Low High High Low TCLKA TCLKB Phase difference Phase difference Pulse width Pulse width Overlap Overlap Phase difference and overlap: Pulse width: at least 1.5 states at least 2.5 states Figure 8.45 Phase Difference, Overlap, and Pulse Width in Phase Counting Mode |