| データシートサーチシステム |
|
H8/3021 データシート(PDF) 277 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 277 Page - Renesas Technology Corp |
|
277 / 712 page ![]() 8. 16-Bit Integrated Timer Unit (ITU) Rev.2.00 Mar. 22, 2007 Page 253 of 684 REJ09B0352-0200 GRA3 GR H'0000 BR GR Not allowed Figure 8.39 Changing a General Register Setting by Buffer Transfer (Example 1) ⎯ Buffer transfer at transition from up-counting to down-counting If the general register value is in the range from GRA3 – T + 1 to GRA3, do not transfer a buffer register value outside this range. Conversely, if the general register value is outside this range, do not transfer a value within this range. See figure 8.40. GRA3 + 1 GRA3 GRA3 - T + 1 GRA3 - T Illegal changes TCNT3 TCNT4 Figure 8.40 Changing a General Register Setting by Buffer Transfer (Caution 1) |