| データシートサーチシステム |
|
H8/3021 データシート(PDF) 278 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 278 Page - Renesas Technology Corp |
|
278 / 712 page ![]() 8. 16-Bit Integrated Timer Unit (ITU) Rev.2.00 Mar. 22, 2007 Page 254 of 684 REJ09B0352-0200 ⎯ Buffer transfer at transition from down-counting to up-counting If the general register value is in the range from H'0000 to T – 1, do not transfer a buffer register value outside this range. Conversely, when a general register value is outside this range, do not transfer a value within this range. See figure 8.41. T T - 1 H'0000 H'FFFF Illegal changes TCNT3 TCNT4 Figure 8.41 Changing a General Register Setting by Buffer Transfer (Caution 2) |