| データシートサーチシステム |
|
7733 データシート(PDF) 342 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 データシート(HTML) 342 Page - Renesas Technology Corp |
|
342 / 940 page ![]() CONNECTING EXTERNAL DEVICES 7733 Group User’s Manual 12–17 12.3 Ready function 12.3.1 Operation in ready state ____ When “L” level is input to pin RDY, this signal is accepted at the falling edge of clock φ1 and the microcomputer ____ enters the ready state. The ready state can be terminated by setting pin RDY’s level to “H” again. When ____ “H” level is input to pin RDY, this signal is also accepted at the falling edge of clock φ1 and the ready state is terminated. Figure 12.3.1 shows timings when the ready state is accepted and terminated. Refer to section “17.1 Memory expansion” for the way to use the ready function. |