| データシートサーチシステム |
|
7733 データシート(PDF) 79 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 データシート(HTML) 79 Page - Renesas Technology Corp |
|
79 / 940 page ![]() 7733 Group User’s Manual 3–10 PROGRAMMABLE I/O PORTS 3.4 Internal peripheral devices’ I/O functions (Ports P42 and P5 to P8) Ports P42 and P5 to P8 also function as I/O pins for the internal peripheral devices. Table 3.4.1 lists correspondence between each port and internal peripheral devices’ I/O pin. For internal peripheral devices’ I/O functions, refer to the corresponding functional description. For the clock φ 1 output pin, refer to chapter “12. CONNECTING EXTERNAL DEVICES.” For the sub-clock oscillation circuit’s I/O pins, refer to chapter “14. CLOCK GENERATING CIRCUIT.” 3.4 Internal peripheral devices’ I/O functions (Ports P42 and P5 to P8) Table 3.4.1 Correspondence between each port and internal peripheral devices’ I/O pin Port P42 P50 to P53 P54 to P57 P60, P61 P62 to P64 P65, P66 P67 P70, P71 P72 to P75 P76, P77 P8 Internal peripheral devices’ I/O pin Clock φ 1 output pin Timer A’s I/O pins Timer A’s I/O pins/Key input interrupt function’s input pins Timer A’s I/O pins Input pins for external interrupts Timer B’s input pins Timer B’s input pin/Clock φ SUB output pin A-D converter’s input pins A-D converter’s input pins/I/O pins for serial I/O Sub-clock oscillation circuit’s I/O pins/A-D converter’s input pins I/O pins for serial I/O |