| データシートサーチシステム |
|
7733 データシート(PDF) 12 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 データシート(HTML) 12 Page - Renesas Technology Corp |
|
12 / 940 page ![]() 7733 Group User’s Manual v Table of contents 10.2 Operation description ....................................................................................................... 10-5 10.2.1 Basic operation ........................................................................................................... 10-5 10.2.2 Operation in stop mode ............................................................................................. 10-6 10.2.3 Operation in wait mode ............................................................................................. 10-7 10.2.4 Operation in hold state .............................................................................................. 10-8 10.3 Precautions for watchdog timer ................................................................................... 10-10 CHAPTER 11. STOP AND WAIT MODES 11.1 Overview .............................................................................................................................. 11-2 11.2 Clock generating circuit ................................................................................................... 11-3 11.3 Stop mode ........................................................................................................................... 11-6 11.3.1 Output levels of external bus and bus control signals in stop mode ................. 11-7 11.3.2 Stop mode terminating operation by interrupt request occurrence (when using watchdog timer) 11-9 11.3.3 Stop mode terminating operation by interrupt request occurrence (when not using watchdog timer) .............................................................................................. 11-10 11.3.4 Stop mode terminating operation by hardware reset .......................................... 11-12 11.3.5 Precautions for stop mode ......................................................................................11-12 11.4 Wait mode .......................................................................................................................... 11-13 11.4.1 State of clocks f2 to f512 in wait mode ................................................................ 11-15 11.4.2 Output levels of external bus and bus control signals in wait mode ............... 11-15 11.4.3 Wait mode terminating operation by interrupt request occurrence ................... 11-17 11.4.4 Wait mode terminating operation by hardware reset .......................................... 11-17 CHAPTER 12. CONNECTING EXTERNAL DEVICES 12.1 Signals required for accessing external devices ...................................................... 12-2 12.1.1 External bus (A0 to A7, A8/D8 to A15/D15, and A16/D0 to A23/D7) ..................... 12-5 12.1.2 External data bus width selection signal (Pin BYTE’s level) ................................ 12-6 __ 12.1.3 Enable signal (E) ........................................................................................................ 12-6 __ 12.1.4 Read/Write signal (R/W) ............................................................................................ 12-6 ____ 12.1.5 Byte high enable signal (BHE) ................................................................................. 12-7 12.1.6 Address latch enable signal (ALE) ...........................................................................12-7 ____ 12.1.7 Signal related to ready function (RDY) .................................................................. 12-7 _____ _____ 12.1.8 Signals related to hold function (HOLD, HLDA) .................................................... 12-7 12.1.9 Clock φ1 ....................................................................................................................... 12-7 12.1.10 Operation of bus interface unit (BIU) ................................................................. 12-10 12.2 Software wait .................................................................................................................... 12-13 12.3 Ready function ................................................................................................................. 12-16 12.3.1 Operation in ready state .......................................................................................... 12-17 12.4 Hold function .................................................................................................................... 12-19 12.4.1 Operation in hold state .......................................................................................... 12-20 CHAPTER 13. RESET 13.1 Hardware reset ................................................................................................................... 13-2 13.1.1 Pin state ...................................................................................................................... 13-3 13.1.2 State of CPU, SFR area, and internal RAM area ................................................. 13-4 13.1.3 Internal processing sequence after a reset ........................................................... 13-9 ______ 13.1.4 Time required for applying “L” level to pin RESET ............................................ 13-10 13.2 Software reset ................................................................................................................... 13-12 |