| データシートサーチシステム |
|
7733 データシート(PDF) 81 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 データシート(HTML) 81 Page - Renesas Technology Corp |
|
81 / 940 page ![]() 7733 Group User's Manual INTERRUPTS 4–2 Interrupt routine Interrupt request is accepted. Processing is resumed. Processing is suspended. Returns to original routine. RTI instruction Interrupt processing Routine in progress Branches to start address of interrupt routine. The 7733 Group provides 19 interrupt sources to generate interrupt requests. 4.1 Overview Figure 4.1.1 shows how interrupts are processed. When an interrupt request is accepted, a program branches to the start address of an interrupt routine which is set in the interrupt vector table (addresses FFD616 to FFFF16). Set the start address of each interrupt routine to the corresponding interrupt vector address in the interrupt vector table. 4.1 Overview Fig. 4.1.1 How interrupts are processed |