| データシートサーチシステム |
|
7733 データシート(PDF) 425 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 データシート(HTML) 425 Page - Renesas Technology Corp |
|
425 / 940 page ![]() APPLICATIONS 7733 Group User’s Manual 17–18 Fig. 17.1.12 Timing diagram for bus buffer usage example (2) 17.1 Memory expansion A8/D8 to A15/D15 A16/D0 to A23/D7 Data output A from external memory (ALS245A) RD 5 (max.) 220 (min.) 42.5 (min.) AC32 (tPHL) AC32 (tPLH) D A <At reading> ALS245A (tPHZ/tPLZ) E, OC (ALS245A) ALS245A (tPZH/tPZL) <At writing> (Unit: ns) D A D AC32 ! 2 (tPLH) Write hold time ALS245A (tPHZ/tPLZ) A8/D8 to A15/D15 A16/D0 to A23/D7 Data output B to external memory (ALS245A) WO,WE 2Q(AC74) 1Q (AC74) E, OC (ALS245A) AC04 (tPLH)+AC74 (tPLH) 70 (max.) ALS245A (tPHL/tPLH) 220 (min.) 1 1 AC04 (tPLH)+AC74 (tPHL) ! 2 (tPHL) AC32 A |