| データシートサーチシステム |
|
7733 データシート(PDF) 140 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 データシート(HTML) 140 Page - Renesas Technology Corp |
|
140 / 940 page ![]() TIMER A 7733 Group User’s Manual 6–29 6.4 Event counter mode s Normal processing Countup is performed at the rising edges of pin TAkIN (k = 2 and 3) if the phase relationship is such that pin TAkIN’s input signal level changes from “L” to “H” while pin TAkOUT’s input signal level is “H.” Countdown is performed at the falling edges of pin TAkIN if the phase relationship is such that pin TAkIN’s input signal level changes from “H” to “L” while pin TAkOUT’s input signal level is “H.” (Refer to Figure 6.4.9.) Fig. 6.4.9 Normal processing s Quadruple processing Countup is performed at the rising and falling edges of pins TAIOUT (l = 3 and 4) and TAIIN if the phase relationship is such that pin TAIIN’s input signal level changes from “L” to “H” while pin TAIOUT’s input signal level is “H.” Countdown is performed at the rising and falling edges of pins TAIOUT and TAIIN if the phase relationship is such that pin TAIIN’s input signal level changes from “H” to “L” while pin TAIOUT’s input signal level is “H.” (Refer to Figure 6.4.10.) Table 6.4.3 lists input signals of pins TAIOUT and TAIIN when the quadruple processing is selected. Fig. 6.4.10 Quadruple processing TAlOUT TAlIN (l = 3, 4) “H” “H” “L” “L” +1 +1 +1 +1 +1 +1 +1 +1 +1 +1 Counted up at all edges –1 –1 –1 –1 –1 –1 –1 –1 –1 –1 Counted down at all edges Counted up at all edges Counted down at all edges TAkOUT TAkIN (k = 2, 3) “H” “H” “L” +1 +1 +1 –1 –1 –1 Counted down “L” Counted up Counted up Counted up Counted down Counted down |