| データシートサーチシステム |
|
7733 データシート(PDF) 268 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 データシート(HTML) 268 Page - Renesas Technology Corp |
|
268 / 940 page ![]() A-D CONVERTER 7733 Group User’s Manual 9–3 Comparator Successive approximation register AVSS VREF Resistor ladder network Vref Selector AN0 AN1 AN2 AN3 AN4 AN5/ADTRG AN6 AN7 A-D register 0 A-D register 1 A-D register 2 A-D register 3 A-D register 4 A-D register 5 A-D register 6 A-D register 7 A-D control register 1 Decoder VIN 1/2 f 2 1/2 AD Data bus (Even) A-D control register 0 Data bus (Odd) A-D conversion frequency selection VREF connection selection 9.2 Block description Figure 9.2.1 shows the block diagram of the A-D converter. Registers related to the A-D converter are described below. Fig. 9.2.1 Block diagram of A-D converter 9.2 Block description |