データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DP35DP データシート(PDF) 24 Page - Intel Corporation

部品番号 DP35DP
部品情報  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP データシート(HTML) 24 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 20Page - Intel Corporation DP35DP Datasheet HTML 21Page - Intel Corporation DP35DP Datasheet HTML 22Page - Intel Corporation DP35DP Datasheet HTML 23Page - Intel Corporation DP35DP Datasheet HTML 24Page - Intel Corporation DP35DP Datasheet HTML 25Page - Intel Corporation DP35DP Datasheet HTML 26Page - Intel Corporation DP35DP Datasheet HTML 27Page - Intel Corporation DP35DP Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 84 page
background image
Intel Desktop Board DP35DP Technical Product Specification
24
1.10.2
Audio Connectors and Headers
The board contains audio connectors on the back panel and audio headers on the
component side of the board. The front panel audio header provides mic in and line
out signals for the front panel. Microphone bias is supported for both the front and
back panel microphone connectors.
The front/back panel audio connectors are configurable through the audio device
drivers. The available configurable audio ports are shown in Figure 4.
Item
Description
A
Surround left/right channel audio out/Retasking Jack
B
Center channel and LFE (subwoofer) audio out
C
Line in
D
Line out
E
Mic in
F
S/PDIF Digital Audio Out (Optical)
Figure 4. Back Panel Audio Connector Options
For information about
Refer to
The location of the front panel audio header
Figure 10, page 42
The signal names of the front panel audio header
Table 12, page 44
The location of the HD Audio Link header
Figure 10, page 42
The signal names of the HD Audio Link header
Table 11, on page 44
The back panel audio connectors
Section 2.2.1, page 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84