データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DP35DP データシート(PDF) 37 Page - Intel Corporation

部品番号 DP35DP
部品情報  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP データシート(HTML) 37 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 33Page - Intel Corporation DP35DP Datasheet HTML 34Page - Intel Corporation DP35DP Datasheet HTML 35Page - Intel Corporation DP35DP Datasheet HTML 36Page - Intel Corporation DP35DP Datasheet HTML 37Page - Intel Corporation DP35DP Datasheet HTML 38Page - Intel Corporation DP35DP Datasheet HTML 39Page - Intel Corporation DP35DP Datasheet HTML 40Page - Intel Corporation DP35DP Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 84 page
background image
37
2
Technical Reference
What This Chapter Contains
2.1 Memory Map................................................................................... 37
2.2 Connectors and Headers................................................................... 40
2.3 Jumper Block .................................................................................. 51
2.4 Mechanical Considerations ................................................................ 52
2.5 Electrical Considerations................................................................... 53
2.6 Thermal Considerations .................................................................... 54
2.7 Reliability ....................................................................................... 56
2.8 Environmental ................................................................................ 56
2.1
Memory Map
2.1.1
Addressable Memory
The board utilizes 8 GB of addressable system memory. Typically the address space
that is allocated for PCI Conventional bus add-in cards, PCI Express configuration
space, BIOS (SPI Flash), and chipset overhead resides above the top of DRAM (total
system memory). On a system that has 8 GB of system memory installed, it is not
possible to use all of the installed memory due to system address space being
allocated for other system critical functions. These functions include the following:
•
BIOS/ SPI Flash (8 Mbits)
•
Local APIC (19 MB)
•
Digital Media Interface (40 MB)
•
Front side bus interrupts (17 MB)
•
PCI Express configuration space (256 MB)
•
MCH base address registers, internal graphics ranges, PCI Express ports (up to
512 MB)
•
Memory-mapped I/O that is dynamically allocated for PCI Conventional and PCI
Express add-in cards
•
Base graphics memory support (1 MB or 8 MB)
•
Intel Management Engine Interface single channel (8 MB) or dual channel (16 MB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84