データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DP35DP データシート(PDF) 35 Page - Intel Corporation

部品番号 DP35DP
部品情報  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP データシート(HTML) 35 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 31Page - Intel Corporation DP35DP Datasheet HTML 32Page - Intel Corporation DP35DP Datasheet HTML 33Page - Intel Corporation DP35DP Datasheet HTML 34Page - Intel Corporation DP35DP Datasheet HTML 35Page - Intel Corporation DP35DP Datasheet HTML 36Page - Intel Corporation DP35DP Datasheet HTML 37Page - Intel Corporation DP35DP Datasheet HTML 38Page - Intel Corporation DP35DP Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
Product Description
35
1.13.2.8
+5 V Standby Power Indicator LED
The +5 V standby power indicator LED shows that power is still present even when the
computer appears to be off. Figure 7 shows the location of the standby power
indicator LED.
CAUTION
If AC power has been switched off and the standby power indicator is still lit,
disconnect the power cord before installing or removing any devices connected to the
board. Failure to do so could damage the board and any attached devices.
Figure 7. Location of the Standby Power Indicator LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84