データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DP35DP データシート(PDF) 28 Page - Intel Corporation

部品番号 DP35DP
部品情報  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP データシート(HTML) 28 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 24Page - Intel Corporation DP35DP Datasheet HTML 25Page - Intel Corporation DP35DP Datasheet HTML 26Page - Intel Corporation DP35DP Datasheet HTML 27Page - Intel Corporation DP35DP Datasheet HTML 28Page - Intel Corporation DP35DP Datasheet HTML 29Page - Intel Corporation DP35DP Datasheet HTML 30Page - Intel Corporation DP35DP Datasheet HTML 31Page - Intel Corporation DP35DP Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
Intel Desktop Board DP35DP Technical Product Specification
28
1.12.4
Thermal Monitoring
Figure 6 shows the locations of the thermal sensors and fan headers.
Item
Description
A
Auxiliary rear chassis fan
B
Rear chassis fan
C
Thermal diode, located on processor die
D
Thermal diode, located on the MCH die
E
Processor fan
F
Front chassis fan
G
Thermal diode, located on the ICH9R die
Figure 6. Thermal Sensors and Fan Headers
NOTE
The minimum thermal reporting threshold for the MCH is 66°C. The MCH thermal
sensor will display 66°C until the temperature rises above this point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84