データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSS7341 データシート(PDF) 5 Page - Microchip Technology

部品番号 MSS7341
部品情報  High Voltage Input Integrated Switch Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSS7341 データシート(HTML) 5 Page - Microchip Technology

  MSS7341 Datasheet HTML 1Page - Microchip Technology MSS7341 Datasheet HTML 2Page - Microchip Technology MSS7341 Datasheet HTML 3Page - Microchip Technology MSS7341 Datasheet HTML 4Page - Microchip Technology MSS7341 Datasheet HTML 5Page - Microchip Technology MSS7341 Datasheet HTML 6Page - Microchip Technology MSS7341 Datasheet HTML 7Page - Microchip Technology MSS7341 Datasheet HTML 8Page - Microchip Technology MSS7341 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
© 2011 Microchip Technology Inc.
DS25004A-page 5
MCP16301
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, V
IN = EN = 12V, COUT = CIN = 2 X10 µF, L = 15 µH, VOUT = 3.3V, ILOAD = 200 mA,
TA = +25°C.
FIGURE 2-1:
2.0V VOUT Efficiency vs.
IOUT.
FIGURE 2-2:
3.3V VOUT Efficiency vs.
IOUT.
FIGURE 2-3:
5.0V VOUT Efficiency vs.
IOUT.
FIGURE 2-4:
12V VOUT Efficiency vs.
IOUT.
FIGURE 2-5:
15V VOUT Efficiency vs.
IOUT.
FIGURE 2-6:
Input Quiescent Current vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
30
40
50
60
70
80
90
0
100
200
300
400
500
600
IOUT(mA)
VIN = 30V
VIN = 12V
VIN = 6V
VOUT = 2.0V
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
IOUT (mA)
VIN = 30V
VIN = 12V
VIN = 6V
VOUT = 3.3V
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
IOUT (mA)
VIN = 6V
VIN = 30V
VIN = 12V
VOUT = 5.0V
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
IOUT (mA)
VIN = 30V
VIN = 24V
VIN = 16V
VOUT = 12.0V
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
IOUT (mA)
VIN = 30V
VIN = 24V
VIN = 16V
VOUT = 15.0V
0
1
2
3
4
5
6
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
VIN = 30V
VIN = 6V
VIN = 12V
VOUT = 3.3V
IOUT = 0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com