データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSS7341 データシート(PDF) 20 Page - Microchip Technology

部品番号 MSS7341
部品情報  High Voltage Input Integrated Switch Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSS7341 データシート(HTML) 20 Page - Microchip Technology

Back Button MSS7341 Datasheet HTML 16Page - Microchip Technology MSS7341 Datasheet HTML 17Page - Microchip Technology MSS7341 Datasheet HTML 18Page - Microchip Technology MSS7341 Datasheet HTML 19Page - Microchip Technology MSS7341 Datasheet HTML 20Page - Microchip Technology MSS7341 Datasheet HTML 21Page - Microchip Technology MSS7341 Datasheet HTML 22Page - Microchip Technology MSS7341 Datasheet HTML 23Page - Microchip Technology MSS7341 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
MCP16301
DS25004A-page 20
© 2011 Microchip Technology Inc.
5.9
Boost Capacitor
The boost capacitor is used to supply current for the
internal high side drive circuitry that is above the input
voltage. The boost capacitor must store enough energy
to completely drive the high side switch on and off. A
0.1 µF X5R or X7R capacitor is recommended for all
applications. The boost capacitor maximum voltage is
5.5V, so a 6.3V or 10V rated capacitor is recom-
mended.
5.10
Thermal Calculations
The MCP16301 is available in a SOT-23-6 package. By
calculating the power dissipation and applying the
package thermal resistance (
θ
JA), the junction temper-
ature is estimated. The maximum continuous junction
temperature rating for the MCP16301 is +125°C.
To quickly estimate the internal power dissipation for
the switching step-down regulator, an empirical calcu-
lation using measured efficiency can be used. Given
the measured efficiency, the internal power dissipation
is estimated by Equation 5-7. This power dissipation
includes all internal and external component losses.
For a quick internal estimate, subtract the estimated
Schottky diode loss and inductor ESR loss from the
PDIS calculation in Equation 5-7.
EQUATION 5-7:
TOTAL POWER
DISSIPATION ESTIMATE
The difference between the first term, input power, and
the second term, power delivered, is the total system
power dissipation. The freewheeling Schottky diode
losses are determined by calculating the average diode
current and multiplying by the diode forward drop. The
inductor losses are estimated by PL = IOUT
2 x L
ESR.
EQUATION 5-8:
DIODE POWER
DISSIPATION ESTIMATE
EXAMPLE 5-5:
5.11
PCB Layout Information
Good printed circuit board layout techniques are
important to any switching circuitry, and switching
power supplies are no different. When wiring the
switching high-current paths, short and wide traces
should be used. Therefore, it is important that the input
and output capacitors be placed as close as possible to
the MCP16301 to minimize the loop area.
The feedback resistors and feedback signal should be
routed away from the switching node and the switching
current loop. When possible, ground planes and traces
should be used to help shield the feedback signal and
minimize noise and magnetic interference.
A good MCP16301 layout starts with CIN placement.
CIN supplies current to the input of the circuit when the
switch is turned on. In addition to supplying high-
frequency switch current, CIN also provides a stable
voltage source for the internal MCP16301 circuitry.
Unstable PWM operation can result if there are
excessive transients or ringing on the VIN pin of the
MCP16301 device. In Figure 5-1, CIN is placed close to
pin 5. A ground plane on the bottom of the board
provides a low resistive and inductive path for the
return current. The next priority in placement is the
freewheeling current loop formed by D1, COUT and L,
while strategically placing COUT return close to CIN
return. Next, CB and DB should be placed between the
boost pin and the switch node pin SW. This leaves
space close to the MCP16301 VFB pin to place RTOP
and RBOT. RTOP and RBOT are routed away from the
Switch node so noise is not coupled into the high-
impedance VFB input.
V
OUT
I
OUT
×
Efficiency
-------------------------------
⎝⎠
⎛⎞
V
OUT
I
OUT
×
()
P
Dis
=
P
Diode
V
F
1D
() I
OUT
×
()
×
=
VIN
=10V
VOUT
=5.0V
IOUT
=0.4A
Efficiency
= 90%
Total System Dissipation
= 222 mW
LESR
=0.15
Ω
PL
=24 mW
Diode VF
= 0.50
D= 50%
PDiode
=125 mW
MCP16301 internal power dissipation estimate:
PDIS - PL - PDIODE = 73 mW
θ
JA
=198°C/W
Estimated Junction
Temperature Rise
=+14.5°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com