データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSS7341 データシート(PDF) 11 Page - Microchip Technology

部品番号 MSS7341
部品情報  High Voltage Input Integrated Switch Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSS7341 データシート(HTML) 11 Page - Microchip Technology

Back Button MSS7341 Datasheet HTML 7Page - Microchip Technology MSS7341 Datasheet HTML 8Page - Microchip Technology MSS7341 Datasheet HTML 9Page - Microchip Technology MSS7341 Datasheet HTML 10Page - Microchip Technology MSS7341 Datasheet HTML 11Page - Microchip Technology MSS7341 Datasheet HTML 12Page - Microchip Technology MSS7341 Datasheet HTML 13Page - Microchip Technology MSS7341 Datasheet HTML 14Page - Microchip Technology MSS7341 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
© 2011 Microchip Technology Inc.
DS25004A-page 11
MCP16301
4.0
DETAILED DESCRIPTION
4.1
Device Overview
The MCP16301 is a high input voltage step-down
regulator, capable of supplying 600 mA to a regulated
output voltage from 2.0V to 15V. Internally, the trimmed
500 kHz oscillator provides a fixed frequency, while the
Peak Current Mode Control architecture varies the duty
cycle for output voltage regulation. An internal floating
driver is used to turn the high side integrated
N-Channel MOSFET on and off. The power for this
driver is derived from an external boost capacitor
whose energy is supplied from a fixed voltage ranging
between 3.0V and 5.5V, typically the input or output
voltage of the converter. For applications with an output
voltage outside of this range, 12V for example, the
boost capacitor bias can be derived from the output
using a simple Zener diode regulator.
4.1.1
INTERNAL REFERENCE VOLTAGE
VREF
An integrated precise 0.8V reference combined with an
external resistor divider sets the desired converter out-
put voltage. The resistor divider range can vary without
affecting the control system gain. High-value resistors
consume less current, but are more susceptible to
noise.
4.1.2
INTERNAL COMPENSATION
All control system components necessary for stable
operation over the entire device operating range are
integrated, including the error amplifier and inductor
current slope compensation. To add the proper amount
of slope compensation, the inductor value changes
along with the output voltage (see Table 5-1).
4.1.3
EXTERNAL COMPONENTS
External components consist of:
• input capacitor
• output filter (Inductor and Capacitor)
• freewheeling diode
• boost capacitor
• boost blocking diode
• resistor divider.
The selection of the external inductor, output capacitor,
input capacitor and freewheeling diode is dependent
upon the output voltage and the maximum output
current.
4.1.4
ENABLE INPUT
Enable input, (EN), is used to enable and disable the
device. If disabled, the MCP16301 device consumes a
minimal current from the input. Once enabled, the
internal soft start controls the output voltage rate of rise,
preventing high-inrush current and output voltage
overshoot.
4.1.5
SOFT START
The internal reference voltage rate of rise is controlled
during startup, minimizing the output voltage overshoot
and the inrush current.
4.1.6
UNDER VOLTAGE LOCKOUT
An integrated Under Voltage Lockout (UVLO) prevents
the converter from starting until the input voltage is high
enough for normal operation. The converter will typi-
cally start at 3.5V and operate down to 3.0V. Hysteresis
is added to prevent starting and stopping during
startup, as a result of loading the input voltage source.
4.1.7
OVERTEMPERATURE
PROTECTION
Overtemperature protection limits the silicon die
temperature to 150°C by turning the converter off. The
normal switching resumes at 120°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com