データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN8A1702AX データシート(PDF) 85 Page - SONiX Technology Company

部品番号 SN8A1702AX
部品情報  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONIX [SONiX Technology Company]
ホームページ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8A1702AX データシート(HTML) 85 Page - SONiX Technology Company

Back Button SN8A1702AX Datasheet HTML 81Page - SONiX Technology Company SN8A1702AX Datasheet HTML 82Page - SONiX Technology Company SN8A1702AX Datasheet HTML 83Page - SONiX Technology Company SN8A1702AX Datasheet HTML 84Page - SONiX Technology Company SN8A1702AX Datasheet HTML 85Page - SONiX Technology Company SN8A1702AX Datasheet HTML 86Page - SONiX Technology Company SN8A1702AX Datasheet HTML 87Page - SONiX Technology Company SN8A1702AX Datasheet HTML 88Page - SONiX Technology Company SN8A1702AX Datasheet HTML 89Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 85
Revision 0.5
MULTI-INTERRUPT OPERATION
In most conditions, the software designer uses more than one interrupt request. Processing multi-interrupt request
needs to set the priority of these interrupt requests. The IRQ flags of the 7 interrupt are controlled by the interrupt event
occurring. But the IRQ flag set doesn’t mean the system to execute the interrupt vector. The IRQ flags can be triggered
by the events without interrupt enable. Just only any the event occurs and the IRQ will be logic “1”. The IRQ and its
trigger event relationship is as the below table.
Interrupt Name
Trigger Event Description
P00IRQ
P0.0 trigger. Falling/Rising/Both.
TC0IRQ
TC0C overflow.
TC1IRQ
TC1C overflow.
There are two things need to do for multi-interrupt. One is to make a good priority for these interrupt requests. Two is
using IEN and IRQ flags to decide executing interrupt service routine or not. Users have to check interrupt control bit
and interrupt request flag in interrupt vector. There is a simple routine as following.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More