データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN8A1702AX データシート(PDF) 35 Page - SONiX Technology Company

部品番号 SN8A1702AX
部品情報  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONIX [SONiX Technology Company]
ホームページ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8A1702AX データシート(HTML) 35 Page - SONiX Technology Company

Back Button SN8A1702AX Datasheet HTML 31Page - SONiX Technology Company SN8A1702AX Datasheet HTML 32Page - SONiX Technology Company SN8A1702AX Datasheet HTML 33Page - SONiX Technology Company SN8A1702AX Datasheet HTML 34Page - SONiX Technology Company SN8A1702AX Datasheet HTML 35Page - SONiX Technology Company SN8A1702AX Datasheet HTML 36Page - SONiX Technology Company SN8A1702AX Datasheet HTML 37Page - SONiX Technology Company SN8A1702AX Datasheet HTML 38Page - SONiX Technology Company SN8A1702AX Datasheet HTML 39Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 35
Revision 0.5
4
4
4 ADDRESSING MODE
OVERVIEW
The SN8P1702A/SN8P1703A provides three addressing modes to access RAM data, including immediate addressing
mode, directly addressing mode and indirectly address mode. The main purpose of the three different modes is
described in the following:
IMMEDIATE ADDRESSING MODE
The immediate addressing mode uses an immediate data to set up the location (MOV A, #I,
B0MOV M,#I) in ACC or
specific RAM.
Immediate addressing mode
MOV
A, #12H
; To set an immediate data 12H into ACC
DIRECTLY ADDRESSING MODE
The directly addressing mode uses address number to access memory location (MOV A,12H,
MOV 12H,A).
Directly addressing mode
B0MOV
A, 12H
; To get a content of location 12H of bank 0 and save in ACC
INDIRECTLY ADDRESSING MODE
The indirectly addressing mode is to set up an address in data pointer registers (Y/Z) and uses MOV instruction to
read/write data between ACC and @YZ register (MOV A,@YZ,
MOV @YZ,A).
Example: Indirectly addressing mode with @YZ register
CLR
Y
; To clear Y register to access RAM bank 0.
B0MOV
Z, #12H
; To set an immediate data 12H into Z register.
B0MOV
A, @YZ
; Use data pointer @YZ reads a data from RAM location
; 012H into ACC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More