| データシートサーチシステム |
|
SN8A1702AX データシート(PDF) 31 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8A1702AX データシート(HTML) 31 Page - SONiX Technology Company |
|
31 / 112 page ![]() Preliminary SN8P1702A/SN8P1703A 8-bit micro-controller build-in 12-bit ADC SONiX TECHNOLOGY CO., LTD Page 31 Revision 0.5 STACK OPERATION EXAMPLE The two kinds of Stack-Save operations to reference the stack pointer (STKP) and write the program counter contents (PC) into the stack buffer are CALL instruction and interrupt service. Under each condition, the STKP is decremented and points to the next available stack location. The stack buffer stores the program counter about the op-code address. The Stack-Save operation is as following table. STKP Register Stack Buffer Stack Level STKPB3 STKPB2 STKPB1 STKPB0 High Byte Low Byte Description 0 1 1 1 1 STK0H STK0L - 1 1 1 1 0 STK1H STK1L - 2 1 1 0 1 STK2H STK2L - 3 1 1 0 0 STK3H STK3L - 4 1 0 1 1 STK4H STK4L - 5 1 0 1 0 STK5H STK5L - 6 1 0 0 1 STK6H STK6L - 7 1 0 0 0 STK7H STK7L - >8 - - - - - - Stack Overflow Table 3-1. STKP, STKnH and STKnL relative of Stack-Save Operation The RETI instruction is for interrupt service routine. The RET instruction is for CALL instruction. When a Stack-Restore operation occurs, the STKP is incremented and points to the next free stack location. The stack buffer restores the last program counter (PC) to the program counter registers. The Stack-Restore operation is as following table. STKP Register Stack Buffer Stack Level STKPB3 STKPB2 STKPB1 STKPB0 High Byte Low Byte Description 7 1 0 0 0 STK7H STK7L - 6 1 0 0 1 STK6H STK6L - 5 1 0 1 0 STK5H STK5L - 4 1 0 1 1 STK4H STK4L - 3 1 1 0 0 STK3H STK3L - 2 1 1 0 1 STK2H STK2L - 1 1 1 1 0 STK1H STK1L - 0 1 1 1 1 STK0H STK0L - Table 3-2. STKP, STKnH and STKnL relative of Stack-Restore Operation |