| データシートサーチシステム |
|
SN8A1702AX データシート(PDF) 96 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8A1702AX データシート(HTML) 96 Page - SONiX Technology Company |
|
96 / 112 page ![]() Preliminary SN8P1702A/SN8P1703A 8-bit micro-controller build-in 12-bit ADC SONiX TECHNOLOGY CO., LTD Page 96 Revision 0.5 ADB REGISTERS ADB initial value = xxxx xxxx 0B2H Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 ADB ADB11 ADB10 ADB9 ADB8 ADB7 ADB6 ADB5 ADB4 R R R R R R R R ADB is ADC data buffer to store AD converter result. The ADB is only 8-bit register including bit4~bit11 ADC data. To combine ADB register and the low-nibble of ADR will get full 12-bit ADC data buffer. The ADC buffer is a read-only register. In 8-bit ADC mode, the ADC data is stored in ADB register. In 12-bit ADC mode, the ADC data is stored in ADB and ADR registers. Note: ADB[0:11] value is unknown when power on. |