データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN8A1702AX データシート(PDF) 55 Page - SONiX Technology Company

部品番号 SN8A1702AX
部品情報  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONIX [SONiX Technology Company]
ホームページ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8A1702AX データシート(HTML) 55 Page - SONiX Technology Company

Back Button SN8A1702AX Datasheet HTML 51Page - SONiX Technology Company SN8A1702AX Datasheet HTML 52Page - SONiX Technology Company SN8A1702AX Datasheet HTML 53Page - SONiX Technology Company SN8A1702AX Datasheet HTML 54Page - SONiX Technology Company SN8A1702AX Datasheet HTML 55Page - SONiX Technology Company SN8A1702AX Datasheet HTML 56Page - SONiX Technology Company SN8A1702AX Datasheet HTML 57Page - SONiX Technology Company SN8A1702AX Datasheet HTML 58Page - SONiX Technology Company SN8A1702AX Datasheet HTML 59Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 55
Revision 0.5
TIMER COUNTER 0 (TC0)
OVERVIEW
The timer counter 0 (TC0) is used to generate an interrupt request when a specified time interval has elapsed. TC0 has
a auto re-loadable counter that consists of two parts: an 8-bit reload register (TC0R) into which you write the counter
reference value, and an 8-bit counter register (TC0C) whose value is automatically incremented by counter logic.
Figure 8-1. TC0 Block Diagram
The main purposes of the TC0 timer counter is as following.
8-bit programmable timer: Generates interrupts at specific time intervals based on the selected clock frequency.
Arbitrary frequency output (Buzzer output): Outputs selectable clock frequencies to the BZ0 pin (P5.4).
PWM function: PWM output can be generated by the PWM1OUT bit and output to PWM0OUT pin (P5.4).
TC0R reload
data buffer
Fcpu
TC0enb
TC0C
8-bit binary counter
TC0 Time out
load
Aload0
Auto. reload
P5.4
÷2
TC0out
Internal P5.4 I/O circuit
CPUM0
S
R
Compare
PWM0OUT
PWM
Buzzer
÷2(8-TC0Rate)
INT0
(schmitter trigger)
TC0CKS
TC0R reload
data buffer
Fcpu
TC0enb
TC0C
8-bit binary counter
TC0 Time out
load
Aload0
Auto. reload
P5.4
÷2
TC0out
Internal P5.4 I/O circuit
CPUM0
S
R
Compare
PWM0OUT
PWM
Buzzer
÷2(8-TC0Rate)
INT0
(schmitter trigger)
TC0CKS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More