データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MRF49XA-I/T データシート(PDF) 91 Page - Microchip Technology

部品番号 MRF49XA-I/T
部品情報  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XA-I/T データシート(HTML) 91 Page - Microchip Technology

Back Button MRF49XA-I/T Datasheet HTML 87Page - Microchip Technology MRF49XA-I/T Datasheet HTML 88Page - Microchip Technology MRF49XA-I/T Datasheet HTML 89Page - Microchip Technology MRF49XA-I/T Datasheet HTML 90Page - Microchip Technology MRF49XA-I/T Datasheet HTML 91Page - Microchip Technology MRF49XA-I/T Datasheet HTML 92Page - Microchip Technology MRF49XA-I/T Datasheet HTML 93Page - Microchip Technology MRF49XA-I/T Datasheet HTML 94Page - Microchip Technology MRF49XA-I/T Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 91
MRF49XA
16-Lead Plastic Thin Shrink Small Outline (ST) – 4.4 mm Body [TSSOP]
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More