データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT1956IGN データシート(PDF) 10 Page - Linear Technology

部品番号 LT1956IGN
部品情報  High Voltage, 1.5A, 500kHz Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT1956IGN データシート(HTML) 10 Page - Linear Technology

Back Button LT1956IGN Datasheet HTML 6Page - Linear Technology LT1956IGN Datasheet HTML 7Page - Linear Technology LT1956IGN Datasheet HTML 8Page - Linear Technology LT1956IGN Datasheet HTML 9Page - Linear Technology LT1956IGN Datasheet HTML 10Page - Linear Technology LT1956IGN Datasheet HTML 11Page - Linear Technology LT1956IGN Datasheet HTML 12Page - Linear Technology LT1956IGN Datasheet HTML 13Page - Linear Technology LT1956IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
LT1956/LT1956-5
1956f
APPLICATIO S I FOR ATIO
Peak-to-peak output ripple voltage is the sum of a triwave
(created by peak-to-peak ripple current (ILP-P) times ESR)
and a square wave (created by parasitic inductance (ESL)
and ripple current slew rate). Capacitive reactance is
assumed to be small compared to ESR or ESL.
V
I
ESR
ESL
dI
dt
RIPPLE
LP P
=
()( )+()
-
Σ
where:
ESR = equivalent series resistance of the output
capacitor
ESL = equivalent series inductance of the output
capacitor
dI/dt = slew rate of inductor ripple current = VIN/L
Peak-to-peak ripple current (ILP-P) through the inductor
and into the output capacitor is typically chosen to be
between 20% and 40% of the maximum load current. It is
approximated by:
I
VV
V
Vf L
LP P
OUT
IN
OUT
IN
-
= ()(
)
()( )( )
–
Example: with VIN = 12V, VOUT = 5V, L = 15µH, ESR =
0.080
Ω and ESL = 10nH, output ripple voltage can be
approximated as follows:
IA
dI
dt
V
mV
RIPPLE
LP-P
P-P
=
() −
()
()
()(
)
=
==
=
()( )+
()( )()
=+
=
−
−
512 5
12 15 10
500 10
0 389
12
15 10
10
0 8
0 389 0 08
10 10
10
0 8
0 031 0 008
39
66
6
6
96
••
.
•
•.
..
•
.
..
––
Σ
To reduce output ripple voltage further requires an in-
crease in the inductor value with the trade-off being a
physically larger inductor with the possibility of increased
component height and cost.
Ceramic Output Capacitor
An alternative way to further reduce output ripple voltage
is to reduce the ESR of the output capacitor by using a
ceramic capacitor. Although this reduction of ESR re-
moves a useful zero in the overall loop response, this zero
can be replaced by inserting a resistor (RC) in series with
the VC pin and the compensation capacitor CC. (See
Ceramic Capacitors in Applications Information.)
Peak Inductor Current and Fault Current
To ensure that the inductor will not saturate, the peak in-
ductor current should be calculated knowing the maximum
load current. An appropriate inductor should then be cho-
sen. In addition, a decision should be made whether or not
the inductor must withstand continuous fault conditions.
If maximum load current is 0.5A, for instance, a 0.5A
inductor may not survive a continuous 2A overload condi-
tion. Dead shorts will actually be more gentle on the
inductor because the LT1956 has frequency and current
limit foldback.
Peak inductor and switch current can be significantly
higher than output current, especially with smaller induc-
tors and lighter loads, so don’t omit this step. Powdered
Table 2
VENDOR/
VALUE
IDC(MAX)
DCR
HEIGHT
PART NO.
(
µH)
(Amps)
(Ohms)
(mm)
Coiltronics
UP1B-100
10
1.9
0.111
5.0
UP1B-220
22
1.2
0.254
5.0
UP2B-220
22
2.0
0.062
6.0
UP2B-330
33
1.7
0.092
6.0
UP1B-150
15
1.5
0.175
5.0
Coilcraft
D01813P-153HC
15
1.5
0.170
5.0
D01813P-103HC
10
1.9
0.111
5.0
D53316P-223
22
1.6
0.207
5.1
D53316P-333
33
1.4
0.334
5.1
LP025060B-682
6.8
1.3
0.165
1.65
Sumida
CDRH4D28-4R7
4.7
1.32
0.072
3.0
CDRH5D28-100
10
1.30
0.065
3.0
CDRH6D28-150
15
1.40
0.084
3.0
CDRH6D28-180
18
1.32
0.095
3.0
CDRH6D28-220
22
1.20
0.128
3.0
CDRH6D38-220
22
1.30
0.096
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com