データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT1956IGN データシート(PDF) 18 Page - Linear Technology

部品番号 LT1956IGN
部品情報  High Voltage, 1.5A, 500kHz Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT1956IGN データシート(HTML) 18 Page - Linear Technology

Back Button LT1956IGN Datasheet HTML 14Page - Linear Technology LT1956IGN Datasheet HTML 15Page - Linear Technology LT1956IGN Datasheet HTML 16Page - Linear Technology LT1956IGN Datasheet HTML 17Page - Linear Technology LT1956IGN Datasheet HTML 18Page - Linear Technology LT1956IGN Datasheet HTML 19Page - Linear Technology LT1956IGN Datasheet HTML 20Page - Linear Technology LT1956IGN Datasheet HTML 21Page - Linear Technology LT1956IGN Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
LT1956/LT1956-5
1956f
Board layout also has a significant effect on thermal resis-
tance. For the GN package, Pins 1, 8, 9 and 16, GND, are
a continuous copper plate that runs under the LT1956 die.
This is the best thermal path for heat out of the package.
Reducing the thermal resistance from Pins 1, 8, 9 and 16
onto the board will reduce die temperature and increase
the power capability of the LT1956. This is achieved by
providing as much copper area as possible around these
pins. Adding multiple solder filled feedthroughs under and
around these four corner pins to the ground plane will also
help. Similar treatment to the catch diode and coil termi-
nations will reduce any additional heating effects. For the
FE package, the exposed pad should be soldered to the
copper ground plane underneath the device.
PARASITIC RESONANCE
Resonance or “ringing” may sometimes be seen on the
switch node (see Figure 7). Very high frequency ringing
following switch rise time is caused by switch/diode/input
capacitor lead inductance and diode capacitance. Schot-
tky diodes have very high “Q” junction capacitance that
can ring for many cycles when excited at high frequency.
If total lead length for the input capacitor, diode and switch
path is 1 inch, the inductance will be approximately 25nH.
At switch off, this will produce a spike across the NPN
output device in addition to the input voltage. At higher
currents this spike can be in the order of 10V to 20V or
higher with a poor layout, potentially exceeding the abso-
lute max switch voltage. The path around switch, catch
diode and input capacitor must be kept as short as
possible to ensure reliable operation. When looking at this,
APPLICATIO S I FOR ATIO
a >100MHz oscilloscope must be used, and waveforms
should be observed on the leads of the package. This
switch off spike will also cause the SW node to go below
ground. The LT1956 has special circuitry inside which
mitigates this problem, but negative voltages over 0.8V
lasting longer than 10ns should be avoided. Note that
100MHz oscilloscopes are barely fast enough to see the
details of the falling edge overshoot in Figure 7.
A second, much lower frequency ringing is seen during
switch off time if load current is low enough to allow the
inductor current to fall to zero during part of the switch off
time (see Figure 8). Switch and diode capacitance resonate
with the inductor to form damped ringing at 1MHz to 10
MHz. This ringing is not harmful to the regulator and it has
not been shown to contribute significantly to EMI. Any
attempt to damp it with a resistive snubber will degrade
efficiency.
THERMAL CALCULATIONS
Power dissipation in the LT1956 chip comes from four
sources: switch DC loss, switch AC loss, boost circuit
current, and input quiescent current. The following formu-
las show how to calculate each of these losses. These
formulas assume continuous mode operation, so they
should not be used for calculating efficiency at light load
currents.
Switch loss:
P
RI
V
V
tI
V
f
SW
SW OUT
OUT
IN
EFF
OUT
IN
=
() (
)
+
()( )( )
2
12
(/ )
Figure 7. Switch Node Resonance
50ns/DIV
1956 F07
2V/DIV
SW RISE
SW FALL
SWITCH NODE
VOLTAGE
INDUCTOR
CURRENT AT
IOUT = 0.1A
VIN = 25V
500ns/DIV
1956 F08
VOUT = 5V
L = 15
µH
Figure 8. Discontinuous Mode Ringing
10V/DIV
0.2A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com