データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT1956IGN データシート(PDF) 16 Page - Linear Technology

部品番号 LT1956IGN
部品情報  High Voltage, 1.5A, 500kHz Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT1956IGN データシート(HTML) 16 Page - Linear Technology

Back Button LT1956IGN Datasheet HTML 12Page - Linear Technology LT1956IGN Datasheet HTML 13Page - Linear Technology LT1956IGN Datasheet HTML 14Page - Linear Technology LT1956IGN Datasheet HTML 15Page - Linear Technology LT1956IGN Datasheet HTML 16Page - Linear Technology LT1956IGN Datasheet HTML 17Page - Linear Technology LT1956IGN Datasheet HTML 18Page - Linear Technology LT1956IGN Datasheet HTML 19Page - Linear Technology LT1956IGN Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
LT1956/LT1956-5
1956f
bypassed with a 1000pF capacitor to prevent coupling
problems from the switch node. If hysteresis is desired in
the undervoltage lockout point, a resistor RFB can be
added to the output node. Resistor values can be calcu-
lated from:
R
RV
V V
V
RA
RR
V
V
HI
LO
IN
OUT
LO
FB
HI
OUT
=
−+
()+
[]
−
()
=
()
()
238
1
238
5 5
./
..
/
∆∆
∆
µ
25k suggested for RLO
VIN = Input voltage at which switching stops as input
voltage descends to trip level
∆V = Hysteresis in input voltage level
Example: output voltage is 5V, switching is to stop if input
voltage drops below 12V and should not restart unless
input rises back to 13.5V.
∆V is therefore 1.5V and
VIN = 12V. Let RLO = 25k.
R
k
kA
k
k
Rk
k
HI
FB
=
−+
()+
[]
µ
()
=
()
=
=
()=
25 12 2 38 1 5 5 1
1 5
238 25 5 5
25 10 41
224
116
116 5 1 5
387
.. /
.
.–
.
.
.
/.
SYNCHRONIZING
The SYNC input must pass from a logic level low, through
the maximum synchronization threshold with a duty cycle
between 10% and 90%. The input can be driven directly
from a logic level output. The synchronizing range is equal
to
initial operating frequency up to 700kHz. This means
that
minimum practical sync frequency is equal to the
worst-case
high self-oscillating frequency (570kHz), not
the typical operating frequency of 500kHz. Caution should
be used when synchronizing above 662kHz because at
higher sync frequencies the amplitude of the internal slope
compensation used to prevent subharmonic switching is
reduced. This type of subharmonic switching only occurs
at input voltages less than twice output voltage. Higher
inductor values will tend to eliminate this problem. See
Frequency Compensation section for a discussion of an
entirely different cause of subharmonic switching before
assuming that the cause is insufficient slope compensa-
tion. Application Note 19 has more details on the theory
of slope compensation.
At power-up, when VC is being clamped by the FB pin (see
Figure 2, Q2), the sync function is disabled. This allows the
frequency foldback to operate in the shorted output con-
dition. During normal operation, switching frequency is
controlled by the internal oscillator until the FB pin reaches
0.8V, after which the SYNC pin becomes operational. If no
synchronization is required, this pin should be connected
to ground.
APPLICATIO S I FOR ATIO
–
+
–
+
2.38V
0.4V
GND
VSW
LT1956
INPUT
RFB
L1
RHI
1956 F04
OUTPUT
C1
SHDN
STANDBY
IN
TOTAL
SHUTDOWN
5.5
µA
RLO
C2
+
Figure 4. Undervoltage Lockout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com