データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT1956IGN データシート(PDF) 26 Page - Linear Technology

部品番号 LT1956IGN
部品情報  High Voltage, 1.5A, 500kHz Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT1956IGN データシート(HTML) 26 Page - Linear Technology

Back Button LT1956IGN Datasheet HTML 20Page - Linear Technology LT1956IGN Datasheet HTML 21Page - Linear Technology LT1956IGN Datasheet HTML 22Page - Linear Technology LT1956IGN Datasheet HTML 23Page - Linear Technology LT1956IGN Datasheet HTML 24Page - Linear Technology LT1956IGN Datasheet HTML 25Page - Linear Technology LT1956IGN Datasheet HTML 26Page - Linear Technology LT1956IGN Datasheet HTML 27Page - Linear Technology LT1956IGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
LT1956/LT1956-5
1956f
PACKAGE DESCRIPTIO
Minimum inductor continuous mode:
L
VV
fV
V
I
I
VV
V
MIN
IN
OUT
IN
OUT
P
OUT
OUT
F
IN
=
++
+


()(
)
()(
)
–
()
21
For a 12V to –12V converter using the LT1956 with peak
switch current of 1.5A and a catch diode of 0.63V:
IA
CONT >
++
+
=
() ( . )
()(
.
)
.
12
1 5
4 1212 1212 0 63
0 370
22
For a load current of 0.25A, this says that discontinuous
mode can be used and the minimum inductor needed is
found from:
LH
MIN ==
µ
212 0 25
500 10
1 5
53
32
()( .
)
(•
)( . )
.
In practice, the inductor should be increased by about
30% over the calculated minimum to handle losses and
variations in value. This suggests a minimum inductor of
7
µH for this application.
Ripple Current in the Input and Output Capacitors
Positive-to-negative converters have high ripple current
in the input capacitor. For long capacitor lifetime, the
RMS value of this current must be less than the high
frequency ripple current rating of the capacitor. The
following formula will give an
approximate value for RMS
ripple current.
This formula assumes continuous mode
and large inductor value. Small inductors will give some-
what higher ripple current, especially in discontinuous
mode. The exact formulas are very complex and appear
in Application Note 44, pages 29 and 30. For our pur-
poses here I have simply added a fudge factor (ff). The
value for ff is about 1.2 for higher load currents and L
≥15µH. It increases to about 2.0 for smaller inductors at
lower load currents.
Capacitor I
ff I
V
V
RMS
OUT
OUT
IN
= ()(
)
ff = 1.2 to 2.0
The output capacitor ripple current for the positive-to-
negative converter is similar to that for a typical buck
regulator—it is a triangular waveform with peak-to-peak
value equal to the peak-to-peak triangular waveform of the
inductor. The low output ripple design in Figure 14 places
the input capacitor between VIN and the regulated negative
output. This placement of the input capacitor significantly
reduces the size required for the output capacitor (versus
placing the input capacitor between VIN and ground).
The peak-to-peak ripple current in both the inductor and
output capacitor (assuming continuous mode) is:
IP-P
P-P
=
==
+
++
=
DC V
fL
DC Duty Cycle
VV
VV
V
I
RMS
I
IN
OUT
F
OUT
IN
F
COUT
•
•
()
12
The output ripple voltage for this configuration is as low as
the typical buck regulator based predominantly on the
inductor’s triangular peak-to-peak ripple current and the
ESR of the chosen capacitor (see Output Ripple Voltage in
Applications Information).
Diode Current
Average diode current is equal to load current. Peak diode
current will be considerably higher.
Peak diode current:
Continuous Mode
I
VV
V
VV
Lf V
V
Discontinuous Mode
IV
Lf
OUT
IN
OUT
IN
IN
OUT
IN
OUT
OUT
OUT
=
+
+
+
=
()
(
)(
)
()( )(
)
()(
)
()( )
2
2
Keep in mind that during start-up and output overloads,
average diode current may be much higher than with
normal loads. Care should be used if diodes rated less than
1A are used, especially if continuous overload conditions
must be tolerated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com