データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT1956IGN データシート(PDF) 23 Page - Linear Technology

部品番号 LT1956IGN
部品情報  High Voltage, 1.5A, 500kHz Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT1956IGN データシート(HTML) 23 Page - Linear Technology

Back Button LT1956IGN Datasheet HTML 19Page - Linear Technology LT1956IGN Datasheet HTML 20Page - Linear Technology LT1956IGN Datasheet HTML 21Page - Linear Technology LT1956IGN Datasheet HTML 22Page - Linear Technology LT1956IGN Datasheet HTML 23Page - Linear Technology LT1956IGN Datasheet HTML 24Page - Linear Technology LT1956IGN Datasheet HTML 25Page - Linear Technology LT1956IGN Datasheet HTML 26Page - Linear Technology LT1956IGN Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
LT1956/LT1956-5
1956f
APPLICATIO S I FOR ATIO
current via the VC pin to maintain a constant dv/dt at the
output. Output rise time is controlled by the current
through CSS defined by R4 and Q1’s VBE. Once the output
is in regulation, Q1 turns off and the circuit operates
normally. R3 is transient protection for the base of Q1.
Rise Time
RC
V
V
SS
OUT
BE
= ()(
)( )
4
Using the values shown in Figure 10,
Rise Time
ms
= ()(
)()
=
47 10
15 10
5
07
5
39
••
.
The ramp is linear and rise times in the order of 100ms are
possible. Since the circuit is voltage controlled, the ramp
rate is unaffected by load characteristics and maximum
output current is unchanged. Variants of this circuit can be
used for sequencing multiple regulator outputs.
DUAL POLARITY OUTPUT CONVERTER
The circuit in Figure 14a generates both positive and
negative 5V outputs with all components under 3mm
height. The topology for the 5V output is a standard buck
converter. The –5V output uses a second inductor L2,
diode D3 and output capacitor C6. The capacitor C4
5V, 1A
REMOVABLE
INPUT
C2
0.1
µF
CF
220pF
RC
2.2k
R3
54k
D1
10MQ060N
1956 F12
C3
2.2
µF
D3
10MQ060N
MMSD914TI
L1
18
µH
CC
0.022
µF
C1
100
µF
10V
ALTERNATE
SUPPLY
R4
25k
R1
15.4k
R2
4.99k
BOOST
VIN
LT1956
SHDN
SYNC
SW
BIAS
FB
VC
GND
+
Figure 12. Dual Source Supply with 25
µA Reverse Leakage
OUTPUT
5V
1A
INPUT
12V
1766 F13
C2
0.1
µF
C1
100
µF
CSS
15nF
D1
C3
2.2
µF
CERAMIC
D2
MMSD914TI
L1
18
µH
R1
15.4k
R3
2k
R2
4.99k
R4
47k
Q1
RC
2.2k
CF
220pF
CC
0.022
µF
BOOST
BIAS
VIN
LT1956
SHDN
SYNC
SW
FB
VC
GND
+
Figure 13. Buck Converter with Adjustable Soft-Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com