データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT1956IGN データシート(PDF) 14 Page - Linear Technology

部品番号 LT1956IGN
部品情報  High Voltage, 1.5A, 500kHz Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT1956IGN データシート(HTML) 14 Page - Linear Technology

Back Button LT1956IGN Datasheet HTML 10Page - Linear Technology LT1956IGN Datasheet HTML 11Page - Linear Technology LT1956IGN Datasheet HTML 12Page - Linear Technology LT1956IGN Datasheet HTML 13Page - Linear Technology LT1956IGN Datasheet HTML 14Page - Linear Technology LT1956IGN Datasheet HTML 15Page - Linear Technology LT1956IGN Datasheet HTML 16Page - Linear Technology LT1956IGN Datasheet HTML 17Page - Linear Technology LT1956IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
LT1956/LT1956-5
1956f
Output capacitor ripple current (RMS):
I
VV
V
Lf V
RIPPLE RMS
OUT
IN
OUT
IN
()
.–
=
()(
)
()( )( )
029
Ceramic Capacitors
Ceramic capacitors are generally chosen for their good
high frequency operation, small size and very low ESR
(effective series resistance). Their low ESR reduces
output ripple voltage but also removes a useful zero in the
loop frequency response, common to tantalum capaci-
tors. To compensate for this, a resistor RC can be placed
in series with the VC compensation capacitor CC. Care
must be taken however, since this resistor sets the high
frequency gain of the error amplifier, including the gain
at the switching frequency. If the gain of the error
amplifier is high enough at the switching frequency,
output ripple voltage (although smaller for a ceramic
output capacitor) may still affect the proper operation of
the regulator. A filter capacitor CF in parallel with the
RC/CC network is suggested to control possible ripple at
the VC pin. The LT1956 can be stabilized for VOUT = 5V at
1A using a 22
µF ceramic output capacitor and VC com-
ponent values of CC = 4700pF, RC = 4.7k and CF = 220pF.
INPUT CAPACITOR
Step-down regulators draw current from the input supply
in pulses. The rise and fall times of these pulses are very
fast. The input capacitor is required to reduce the voltage
ripple this causes at the input of LT1956 and force the
switching current into a tight local loop, thereby minimiz-
ing EMI. The RMS ripple current can be calculated from:
IC
I
VV
V
V
RIPPLE RMS
IN
OUT
OUT
IN
OUT
IN
()
–
=
()
2
Ceramic capacitors are ideal for input bypassing. At 500kHz
switching frequency, the energy storage requirement of
the input capacitor suggests that values in the range of
2.2
µF to 10µF are suitable for most applications. If opera-
tion is required close to the minimum input required by the
output of the LT1956, a larger value may be required. This
is to prevent excessive ripple causing dips below the mini-
mum operating voltage resulting in erratic operation.
Depending on how the LT1956 circuit is powered up you
may need to check for input voltage transients.
The input voltage transients may be caused by input
voltage steps or by connecting the LT1956 converter to an
already powered up source such as a wall adapter. The
sudden application of input voltage will cause a large
surge of current in the input leads that will store energy in
the parasitic inductance of the leads. This energy will
cause the input voltage to swing above the DC level of input
power source and it may exceed the maximum voltage
rating of input capacitor and LT1956.
The easiest way to suppress input voltage transients is to
add a small aluminum electrolytic capacitor in parallel with
the low ESR input capacitor. The selected capacitor needs
to have the right amount of ESR in order to critically
dampen the resonant circuit formed by the input lead
inductance and the input capacitor. The typical values of
ESR will fall in the range of 0.5
Ωto2Ωandcapacitancewill
fall in the range of 5
µF to 50µF.
If tantalum capacitors are used, values in the 22
µF to
470
µF range are generally needed to minimize ESR and
meet ripple current and surge ratings. Care should be
taken to ensure the ripple and surge ratings are not
exceeded. The AVX TPS and Kemet T495 series are surge
rated. AVX recommends derating capacitor operating
voltage by 2 for high surge applications.
CATCH DIODE
Highest efficiency operation requires the use of a Schottky
type diode. DC switching losses are minimized due to its
low forward voltage drop, and AC behavior is benign due
to its lack of a significant reverse recovery time. Schottky
diodes are generally available with reverse voltage ratings
of up to 60V and even 100V, and are price competitive with
other types.
The use of so-called “ultrafast” recovery diodes is gener-
ally not recommended. When operating in continuous
mode, the reverse recovery time exhibited by “ultrafast”
diodes will result in a slingshot type effect. The power
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com