| データシートサーチシステム |
|
TAS5731MPHPR データシート(PDF) 35 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5731MPHPR データシート(HTML) 35 Page - Texas Instruments |
|
35 / 68 page ![]() S Z –1 Alpha Filter Structure w a B0265-04 a w , T a w a, a d d / , a w DRC1 DRC2 0x3C 0x3B 0x40 0x43 0x3E 0x3F Input Level (dB) T M0091-04 1:1 TransferFunction Implemented TransferFunction TAS5731M www.ti.com SLOS838B – JULY 2013 – REVISED NOVEMBER 2013 Dynamic Range Control (DRC) The DRC scheme has two DRC blocks. There is one ganged DRC for the high-band left/right channels and one DRC for the low-band left/right channels. The DRC input/output diagram is shown in Figure 60. Professional-quality dynamic range compression automatically adjusts volume to flatten volume level. • Each DRC has adjustable threshold levels. • Programmable attack and decay time constants • Transparent compression: compressors can attack fast enough to avoid apparent clipping before engaging, and decay times can be set slow enough to avoid pumping. Figure 60. Dynamic Range Control T = 9.23 format, all other DRC coefficients are 3.23 format Figure 61. DRC Structure Copyright © 2013, Texas Instruments Incorporated 35 Product Folder Links :TAS5731M |