| データシートサーチシステム |
|
ML7344J データシート(PDF) 128 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML7344J データシート(HTML) 128 Page - List of Unclassifed Manufacturers |
|
128 / 151 page ![]() FEDL7344C/E/J-04 ML7344C/E/J 128/151 (2) TX FIFO access error If one of the following conditions is met, TX FIFO access error interrupt (INT[20]: group3) will be generated. ●After TX Data request accept completion interrupt (INT[17]: group3] was generated, next packet is written to the TX_FIFO without transmiting the current TX data. ●Data write overflow occurs to the TX_FIFO. ●No TX data in the TX_FIFO during TX data transimission. When TX FIFO acccess error interrupt occurs, issuing TRX_OFF after TX completion interrupt (INT[16]: group3) is recognized, or issueing Force_TRX_OFF by [RF_STATUS:B0 0x0A] register without waiting for TX completion interrupt. After that, issuing TX FIFO pointer clear by [STATE_CLR:B0 0x16] register and clear remaining interrupts relative with TX in the [INT_SOURCE_GRP3:B0 0x0F] register. If TX FIFO access error occurs, subquent TX data will be inverted. CRC error should be detected at rexeiver side even if TRX_OFF is issued when TX completion interrupt detected. START FAST_TX setting [RF_STATUS_CTRL:B0 0x0A] [TXFIFO_THRH/L:B0 0x17/18] No Yes No Next packet TX ? Yes TRX_OFF issue [RF_STATUS:B0 0x0B] TX FIFO access error (INT[20])? [NT_SOURCE_GRP3:B0 0x0F(4)] Normal TX (To TX flowchart) No Yes Yes TX completion (INT[16]) ? [INT_SOURCE_GRP3:B0 0x0F(0)] No Forced to stop TX ? Force_TRX_OFF issue [RF_STATUS:B0 0x0B] TX FIFO pointer clear [STATE_CLR:B0 0x16(0)] Clear INT GRP3 INT[16]-[20] [INT SOURCE GRP3:B0 0x0F] RF state transition wait flow Write TX data *1 [WR_TX_FIFO:B0 0x7C] *1 If data written to FIFO exceed THFIFO_THRL[5:0] [TXFIFO_THRL:B0 0x18(5-0)]+1, TX will start. (Length is included in the data length written to FIFO) |