| データシートサーチシステム |
|
ML7344J データシート(PDF) 129 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML7344J データシート(HTML) 129 Page - List of Unclassifed Manufacturers |
|
129 / 151 page ![]() FEDL7344C/E/J-04 ML7344C/E/J 129/151 (3) RX FIFO access error If one of the following conditions is met, RX FIFO access error interrupt (INT[12]: group2) will be generated. ●RX data overflow occurs to RX_FIFO ●Read RX_FIFO during no data in the RX_FIFO When RX FIFO acccess error interrupt occurs, issuing TRX_OFF after RX completion interrupt (INT[8]: group2) is recognized, or issueing Force_TRX_OFF by [RF_STATUS:B0 0x0B] register without waiting for RX completion interrupt. After that, issuing RX FIFO pointer clear by [STATE_CLR:B0 0x16] register and clear remaining interrupts in the [INT_SOURCE_GRP2:B0 0x0E] register. START No Yes No Next packet to be received? Yes TRX_OFF issue [RF_STATUS:B0 0x0B] RX FIFO access error (INT[12])? [NT_SOURCE_GRP2:B0 0x0E(4)] Normal RX (To RX flowchart) No Yes Yes RX completion (INT[8]) ? [INT_SOURCE_GRP2:B0 0x0E(0)] No Forced to stop RX ? Force_TRX_OFF issue [RF_STATUS:B0 0x0B] RX FIFO pointer clear [STATE_CLR:B0 0x16(1)] Clear INT GRP2 [INT_SOURCE_GRP2:B0 0x0E] RF state transition wait flow RX_ON issue [RF_STATUS:B0 0x0B] |