データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML7344J データシート(PDF) 134 Page - List of Unclassifed Manufacturers

部品番号 ML7344J
部品情報  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J データシート(HTML) 134 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 130Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 131Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 132Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 133Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 134Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 135Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 136Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 137Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 138Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
134/151
●TX
*1 : When TXDONE_MODE[1:0]([RF_STATUS_CTRL: B0 0x0A(1-0)]) = 0b00(default), SET_TRX[3:0]
([RF_STATUS: B0 0x0B(3-0)]) will be set to 0x8(TRX_OFF) automatically, upon detection of TX
completion.
*2 : Data TX time calculation is as follows:
Data TX time [sec] = (number of TX bits+3)×1bit TX duration time[sec]
1bit TX duration time [sec] = 1/data rate [bps]
*3 : When setting TXDIO_CTRL[1:0]([DIO_SET: B0 0x0C(5-4)])=0b01.
0x8(TRX_OFF)
Air
SCEN
FIFO write
TX_ON
command
INT[17]
(TX Data request accept completion)
[INT_SOURCE_GRP3: B0 0x0F]
0x8(TRX_OFF)
SET_TRX[3:0]
[RF_STATUS: B0 0x0B]
GET_TRX[3:0]
[RF_STATUS: B0 0x0B]
INT[3]
(RF state transition completion)
[INT_SOURCE_GRP1: B0 0x0D]
INT[16]
(TX completion)
[INT_SOURCE_GRP3: B0 0x0F]
1406μs
PA_ON
1271μs
DCLK output (*3)
0x9(TX_ON)
TX completion
interrupt *1
Data TX time *2
INT[3] clear
command
0x9(TX_ON)
0x8(TRX_OFF)
0x8(TRX_OFF)
147μs
143μs
0.4 bit time
(at 100kbps, 4μs)
TX_ON
1222
μs
144
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More