| データシートサーチシステム |
|
ML7344J データシート(PDF) 138 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML7344J データシート(HTML) 138 Page - List of Unclassifed Manufacturers |
|
138 / 151 page ![]() FEDL7344C/E/J-04 ML7344C/E/J 138/151 ●Transition from SLEEP to IDLE *1: When setting XTAL_EN([CLK_SET2: B0 0x03(4)])=0b1, it is possible to adjust to 10/50/250/500μs , by setting [ADC_CLK_SET: B1 0x08(6-5)]. α is oscillation cuircuits start-up time, and max. is 500μs. When using TCXO (TCXO_EN([CLK_SET2:B0 0x03(6)])=0b1), clock stabilization time is 5μs. *2: [VCO_CAL_START:B0 0x6F] and [SET_TRX:B0 0x0B] registers access is possible, but process is pending until REG_WAIT_DONE is asserted. 50μs +α *1 OSC/Reg enable Clock stabilization time REG_WAIT_DONE 1125μs *2 RFoperation possible INT[0] (CLK stabilized complete) [INT_SOURCE_GRP1: B0 0x0D] SLEEP_EN [SLEEPWU_SET: B0 0x2D] SLEEP_EN=0b0 setting Regulator stabilization time Sleep mode1: Register access possible Sleep mode2: Register & FIFO access possible Resisters and FIFOs access possible |