| データシートサーチシステム |
|
STMPE24M31 データシート(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE24M31 データシート(HTML) 62 Page - STMicroelectronics |
|
62 / 85 page ![]() Touch sensor controller STMPE16M31, STMPE24M31 62/85 Doc ID 16174 Rev 4 RATIO_ENG-n_CFG Ratio engine-1,-2 registers Address: 0x81, 0x82 Type: RW Reset: 0x00 Description: Configure the channels used in ratio engine 1 and 2. Figure 18. Configuration of ratio engine input 76 543 210 RANGE START RW RW RW RW RW RW RW RW 00 000 000 [7:5] RANGE: ‘Number of channels used in ratio engine. Maximum is 8 channels. The number represent number of channels used - 1 [4:0] START: Define the starting channel used in ratio engine. This number represent the channel number Obsolete Product(s) - Obsolete Product(s) |