| データシートサーチシステム |
|
STMPE24M31 データシート(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE24M31 データシート(HTML) 32 Page - STMicroelectronics |
|
32 / 85 page ![]() Interrupt service routine STMPE16M31, STMPE24M31 32/85 Doc ID 16174 Rev 4 8 Interrupt service routine On receiving an interrupt, system software should: Read InterruptStatus If (GPIO.bit==1) { Read InterruptStatusGPIO Process GPIO INT Write InterruptStatusGPIO to clear the corresponding bit Write InterruptStatus to clear the corresponding bit } If (PWM.bit==1) { Read InterruptStatusPWM Process PWM INT Write InterruptStatusPWM to clear the corresponding bit Write InterruptStatus to clear the corresponding bit } If ( EV_ALARM or TOUCHSCREEN or TOUCHKEY or RE1/2) { Process INT Write InterruptStatus to clear the corresponding bit } Obsolete Product(s) - Obsolete Product(s) |