データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STMPE24M31 データシート(PDF) 31 Page - STMicroelectronics

部品番号 STMPE24M31
部品情報  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE24M31 データシート(HTML) 31 Page - STMicroelectronics

Back Button STMPE24M31 Datasheet HTML 27Page - STMicroelectronics STMPE24M31 Datasheet HTML 28Page - STMicroelectronics STMPE24M31 Datasheet HTML 29Page - STMicroelectronics STMPE24M31 Datasheet HTML 30Page - STMicroelectronics STMPE24M31 Datasheet HTML 31Page - STMicroelectronics STMPE24M31 Datasheet HTML 32Page - STMicroelectronics STMPE24M31 Datasheet HTML 33Page - STMicroelectronics STMPE24M31 Datasheet HTML 34Page - STMicroelectronics STMPE24M31 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 85 page
background image
STMPE16M31, STMPE24M31
System controller
Doc ID 16174 Rev 4
31/85
PWM_INT_EN
Interrupt enable PWM enable register
Address:
0x0F
Type:
R/W
Reset:
0x00
Description:
Writing ‘1’ to this register enables the generation of INT by the corresponding PWM
channel.
76
543
210
PWM-7
PWM-6
PWM-5
PWM-4
PWM-3
PWM-2
PWM-1
PWM-0
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[7:0] PWM - X
Enable of PWM – X.
Write ‘1’ to the corresponding bit to enable interrupt generated by a PWM channel
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85