| データシートサーチシステム |
|
STMPE24M31 データシート(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE24M31 データシート(HTML) 10 Page - STMicroelectronics |
|
10 / 85 page ![]() Pin assignment STMPE16M31, STMPE24M31 10/85 Doc ID 16174 Rev 4 Figure 6. Power states 1. STMPExxM31 remains in active mode when PWM is running. Table 4. Functions available in each power state Hibernate Sleep Active I2C Yes Yes Yes GPIO hotkey Yes Yes Yes PWM No Yes Yes Capacitive sensing No Slow Yes Ratio engine No No(1) 1. When the ratio engine is enabled, device transitions to active state whenever a touch on the slider/wheel is detected, even if it was previously in sleep mode. Yes AM08686V1 Reset ACTIVE Host command Host command Hotkeys, I2C Touch hotkeys, I2C HIBERNATE SLEEP Host command Obsolete Product(s) - Obsolete Product(s) |