| データシートサーチシステム |
|
STMPE24M31 データシート(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE24M31 データシート(HTML) 29 Page - STMicroelectronics |
|
29 / 85 page ![]() STMPE16M31, STMPE24M31 System controller Doc ID 16174 Rev 4 29/85 GPIO_INT_STA Interrupt status GPIO register Address: 0x0A – 0x0B Type: R/W Reset: 0x0000 Description: This register reflects the status of GPIO that has been configured as input. When there is a change in GPIO state, the corresponding bit will be set to ‘1’ by hardware. Writing ‘1’ to the corresponding bit clears it. Writing ‘0’ has no effect. LSB (0x0A) MSB (0x0B) 76 543 210 IO-7 IO-6 IO-5 IO-4 IO-3 IO-2 IO-1 IO-0 RW RW RW RW RW RW RW RW 00 000 000 76 543 210 IO-15 IO-14 IO-13 IO-12 IO-11 IO-10 IO-9 IO-8 RW RW RW RW RW RW RW RW 00 000 000 [7:0] IO - X: Interrupt status of GPIO - X Read ‘1’ if state transition is detected in corresponding GPIO channel Write’1’ to clear the interrupt status. Obsolete Product(s) - Obsolete Product(s) |