| データシートサーチシステム |
|
STMPE24M31 データシート(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE24M31 データシート(HTML) 43 Page - STMicroelectronics |
|
43 / 85 page ![]() STMPE16M31, STMPE24M31 PWM controller Doc ID 16174 Rev 4 43/85 PWM_n_RAMP_RATE PWM-N ramp rate register Address: 0x42, 0x46, 0x4A, 0x4E, 0x52, 0x56, 0x5A, 0x5E Type: RW Reset: 0x00 Description: Setting of ramp rate 76 543 210 INV Reserved RampDown RampUp RW RW RW RW RW RW RW RW 00 000 000 [7] INV LED driving/sinking mode Write ‘1’ for LED sinking mode (HIGH = LED Off, LOW = LED On) Write ‘0’ for LED driving mode (HIGH = LED On, LOW = LED Off [6] Reserved [5:3] RampDown Set the PWM ramp down rate ‘000’ : 1/4 of time unit per brightness level change ‘001’ : 1/8 of time unit per brightness level change ‘010’ : 1/16 of time unit per brightness level change ‘011’ : 1/32 of time unit per brightness level change ‘100’ : 1/64 of time unit per brightness level change ’101’ : 1/128 of time unit per brightness level change ‘110’ : reserved ‘111’ : reserved [2:0] RampUp Set the PWM ramp up rate ‘000’ : 1/4 of time unit per brightness level change ‘001’ : 1/8 of time unit per brightness level change ‘010’ : 1/16 of time unit per brightness level change ‘011’ : 1/32 of time unit per brightness level change ‘100’ : 1/64 of time unit per brightness level change ’101’ : 1/128 of time unit per brightness level change ‘110’ : reserved ‘111’ : reserved Obsolete Product(s) - Obsolete Product(s) |