| データシートサーチシステム |
|
STMPE24M31 データシート(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE24M31 データシート(HTML) 26 Page - STMicroelectronics |
|
26 / 85 page ![]() System controller STMPE16M31, STMPE24M31 26/85 Doc ID 16174 Rev 4 INT_CTRL Interrupt control register Address: 0x06 Type: R/W Reset: 0x00 Description: INT_CTRL controls the interrupt signal generation. 76 543 210 RESERVED INT_POL INT_TYPE INT_EN RW RW RW RW RW RW RW RW 00 000 000 [7:3] RESERVED [2] INT_POL: Interrupt polarity 0: Active low 1: Active high [1] INT_TYPE: Interrupt trigger type 0: Level trigger 1: Edge trigger [0] INT_EN: Interrupt enable 1: Enable the interrupt 0: Disable the interrupt Obsolete Product(s) - Obsolete Product(s) |