データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC564A80L7 データシート(PDF) 140 Page - STMicroelectronics

部品番号 SPC564A80L7
部品情報  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 データシート(HTML) 140 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 136Page - STMicroelectronics SPC564A80L7 Datasheet HTML 137Page - STMicroelectronics SPC564A80L7 Datasheet HTML 138Page - STMicroelectronics SPC564A80L7 Datasheet HTML 139Page - STMicroelectronics SPC564A80L7 Datasheet HTML 140Page - STMicroelectronics SPC564A80L7 Datasheet HTML 141Page - STMicroelectronics SPC564A80L7 Datasheet HTML 142Page - STMicroelectronics SPC564A80L7 Datasheet HTML 143Page - STMicroelectronics SPC564A80L7 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 157 page
background image
Packages
SPC564A74L7, SPC564A80B4, SPC564A80L7
140/157
Doc ID 15399 Rev 9
Table 52.
LQFP176 package mechanical data
REF.
DATABOOK
MILLIMETERS(1)
1.
Controlling Dimension: MILLIMETER
INCHES
TYP
MIN
MAX
TYP
MIN
MAX
TYP
MIN
MAX
A
1.600
0.063
A1
0.050
0.150
0.002
A2
1.350
1.450
0.053
0.057
b
0.170
0.270
0.007
0.011
C
0.090
0.200
0.004
0.008
D
23.900
24.100
0.941
0.949
E
23.900
24.100
0.941
0.949
e
0.500
0.020
HD
25.900
26.100
1.020
1.028
HE
25.900
26.100
1.020
1.028
L(2)
2.
L dimension is measured at gauge plane at 0.25 above the seating plane.
0.450
0.750
0.018
0.030
L1
1.000
0.039
ZD
1.250
0.049
ZE
1.250
0.049
ccc
0.080
0.003
ANGLE
0o
7o
07o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More