| データシートサーチシステム |
|
SLG46110V データシート(PDF) 35 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG46110V データシート(HTML) 35 Page - Dialog Semiconductor |
|
35 / 82 page ![]() 000-0046110-106 Page 34 of 81 SLG46110 10.2.1 3-Bit LUT or D Flip Flop Macrocells Used as 3-Bit LUTs Each Macrocell, when programmed for a LUT function, uses a 8-bit register to define their output function: 3-Bit LUT2 is defined by reg <249:242> 3-Bit LUT3 is defined by reg <257:250> Table 26. 3-bit LUT0 Truth Table. IN2 IN1 IN0 OUT 0 0 0 reg <242> 0 0 1 reg <243> 0 1 0 reg <244> 0 1 1 reg <245> 1 0 0 reg <246> 1 0 1 reg <247> 1 1 0 reg <248> 1 1 1 reg <249> Table 27. 3-bit LUT1 Truth Table. IN2 IN1 IN0 OUT 0 0 0 reg <250> 0 0 1 reg <251> 0 1 0 reg <252> 0 1 1 reg <253> 1 0 0 reg <254> 1 0 1 reg <255> 1 1 0 reg <256> 1 1 1 reg <257> |