| データシートサーチシステム |
|
CS5014 データシート(PDF) 2 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5014 データシート(HTML) 2 Page - Cirrus Logic |
|
2 / 40 page ![]() CS5012A CS5012A ANALOG CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V; VA-, VD- = -5V; VREF = 2.5V to 4.5V; fclk = 6.4 MHz for -7, 4 MHz for -12; Analog Source Impedance = 200 Ω) CS5012A Parameter* Min Typ Max Units Specified Temperature Range -40 to +85 °C Accuracy Linearity Error (Note 1) Drift (Note 2) ±1/4 ±1/8 ±1/2 LSB12 ∆LSB12 Differential Linearity (Note 1) Drift (Note 2) ±1/4 ±1/32 ±1/2 LSB12 ∆LSB12 Full Scale Error (Note 1) Drift (Note 2) ±1/4 ±1/16 ±1/2 LSB12 ∆LSB12 Unipolar Offset (Note 1) Drift (Note 2) ±1/4 ±1/16 ±1/2 LSB12 ∆LSB12 Bipolar Offset (Note 1) Drift (Note 2) ±1/4 ±1/16 ±1/2 LSB12 ∆LSB12 Bipolar Negative Full-Scale Error(Note 1) Drift (Note 2) ±1/4 ±1/16 ±1/2 LSB12 ∆LSB12 Total Unadjusted Error (Note 1) Drift (Note 2) ±1/4 ±1/4 LSB12 ∆LSB12 Dynamic Performance (Bipolar Mode) Peak Harmonic or (Note 1) Spurious Noise Full Scale, 1 kHz Input Full Scale, 12 kHz Input 84 84 92 88 dB dB Total Harmonic Distortion 0.008 % Signal-to-Noise Ratio (Note 1) 1 kHz, 0 dB Input 1 kHz, -60 dB Input 72 73 13 dB dB Noise (Note 3) Unipolar Mode Bipolar Mode 45 90 µVrms µVrms Notes: 1. Applies after calibration at any temperature within the specified temperature range. 2. Total drift over specified temperature range since calibration at power-up at 25 °C 3. Wideband noise aliased into the baseband. Referred to the input. * Refer to Parameter Definitions (immediately following the pin descriptions at the end of this data sheet). Specifications are subject to change without notice. 2-8 DS14F8 CS5012A CS5014 CS5016 2 DS14F9 |